Part Number Hot Search : 
29605 SMAJ4734 AAT4612 ZX84C18 CM162 ZX84C18 AAT4612 11407560
Product Description
Full Text Search
 

To Download SF506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF501 THRU SF509
SUPER FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 5.0 Amperes
Features
Superfast recovery times Low forward voltage, high current capability Hermetically sealed Low leakage High surge capability Plastic package has Underwriters Laboratories Flammability classification 94V-0 utilizing Flame retardant epoxy molding compound
Mechanical Data
Case: Molded plastic, DO-201AD Terminals: Axial leads, solderable to MIL-STD-202, method 208 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.042 ounce, 1.19 grams
DIM ENSIONS DIM A B C D inches Min. 0.283 0.189 0.048 1.000 Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 mm Max. 9.50 5.30 1.30 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
SF 501
SF 502
SF 503
SF 504
SF 505
SF 506
SF 507
SF 508
SF 509
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward current 0.375" (9.5mm) lead length at TA=55 Peak forward surge current, IFM (surge): 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage at 5.0A DC Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
50 35 50
100 70 100
150 105 150
200 140 200
300 210 300 5.0 150.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps
0.95
1.25 5.0 500.0 35.0 100.0 25.0 -55 to +150
1.40
Volts A nS F /W
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating and storage temperature range
TJ, TSTG
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (3) Thermal resistance from junction to ambient and from junction to lead length 0.375 (9.5mm) P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of SF506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X